Part Number Hot Search : 
BFXXXX UPC4064 UPC4064 NK364PN X952007 X952007 NJU6439C MV64420
Product Description
Full Text Search
 

To Download R1600F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R1200F
THRU
R2500F
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
VOLTAGE RANGE
1200 to 2500 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability 500 & 200 m Ampere DO-41
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.34 grams
.205(5.2) .166(4.2)
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 0.5A/0.2A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
R1200F 1200 840 1200
R1500F R1600F 1500 1050 1500 500 1600 1120 1600
R1800F 1800 1260 1800
R2000F R2500F UNITS 2000 1400 2000 200 2500 1750 2500 V V V mA A V A A nS pF C
30 2.0 5.0 100 500 40 -65 +175 3.0
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
258
RATING AND CHARACTERISTIC CURVES (R1200F THRU R2500F)
FIG.1 - TYPICAL REVERSE
AVERAGE FORWARD CURRENT,(mA)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
600
Single Phase
CHARACTERISTICS 100
500 400 300 200 100 0 0
R 20 0
Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
REVERSE LEAKAGE CURRENT, (A)
10
Tj=100 C
R1
20
0F ~R
18
0F~R
00
F
2500
F
1.0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
.1
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.01 0
20
40
60
80
100 120 140
24
PERCENTAGE RATED PEAK REVERSE VOLTAGE
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50 NONINDUCTIVE 10 NONINDUCTIVE
12
6
0 1 5 10 50 100
(+) 25Vdc (approx.) () 1 NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
140 120 100 80 60 40 20 0
trr +0.5A
| | | | | | | |
0 -0.25A
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
JUNCTION CAPACITANCE,(pF)
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)
259


▲Up To Search▲   

 
Price & Availability of R1600F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X